Part Number Hot Search : 
ZTB380D 20315RN 101KC NTE4151P LTC4266 30100 UGL3132U GDP04S04
Product Description
Full Text Search
 

To Download TL064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
      semiconductor technical data low power jfet input operational amplifiers order this document by tl062/d d suffix plastic package case 751 (so8) p suffix plastic package case 626 d suffix plastic package case 751a (so14) n suffix plastic package case 646 8 1 1 8 14 1 14 1 dual pin connections (top view) quad pin connections (top view) 4 23 1  v ee inputs 1 output 1 inputs 1 output 1 v cc inputs 2 output 2 inputs 2 output 2 v cc output 4 inputs 4 v ee inputs 3 output 3 + 1 2 3 4 8 7 6 5 + 1 2 3 4 5 6 78 9 10 11 12 13 14 +  + + + 1 motorola analog ic device data  
    these jfet input operational amplifiers are designed for low power applications. they feature high input impedance, low input bias current and low input offset current. advanced design techniques allow for higher slew rates, gain bandwidth products and output swing. the commercial and vehicular devices are available in plastic dual inline and soic packages. ? low supply current: 200 m a/amplifier ? low input bias current: 5.0 pa ? high gain bandwidth: 2.0 mhz ? high slew rate: 6.0 v/ m s ? high input impedance: 10 12 w ? large output voltage swing: 14 v ? output short circuit protection representative schematic diagram (each amplifier) + q3 q2 q1 + r2 r5 j1 j2 r1 q4 c1 q5 d2 r3 q7 r4 v cc output d1 c2 q6 v ee inputs ordering information op amp function device operating temperature range package tl062cd, acd tl062cp, acp t a = 0 to +70 c so8 plastic dip dual tl062vd tl062vp t a = 40 to +85 c so8 plastic dip TL064cd, acd TL064cn, acn t a = 0 to +70 c so14 plastic dip quad TL064vd TL064vn t a = 40 to +85 c so14 plastic dip ? motorola, inc. 1996 rev 5
tl062 TL064 2 motorola analog ic device data maximum ratings rating symbol value unit supply voltage (from v cc to v ee ) v s +36 v input differential voltage range (note 1) v idr 30 v input voltage range (notes 1 and 2) v ir 15 v output short circuit duration (note 3) t sc indefinite sec operating junction temperature t j +150 c storage temperature range t stg 60 to +150 c notes: 1. differential voltages are at the noninverting input terminal with respect to the inverting input terminal. 2. the magnitude of the input voltage must never exceed the magnitude of the supply or 15 v, whichever is less. 3. power dissipation must be considered to ensure maximum junction temperature (t j ) is not exceeded. (see figure 1.) electrical characteristics (v cc = +15 v, v ee = 15 v, t a = 0 to +70 c, unless otherwise noted.) tl062ac TL064ac tl062c TL064c characteristics symbol min typ max min typ max unit input offset voltage (r s = 50 w , v o = 0v) t a = 25 c t a = 0 to +70 c v io e e 3.0 e 6.0 7.5 e e 3.0 e 15 20 mv average temperature coefficient for offset voltage (r s = 50 w , v o = 0 v) d v io / d t e 10 e e 10 e m v/ c input offset current (v cm = 0 v, v o = 0 v) t a = 25 c t a = 0 to +70 c i io e e 0.5 e 100 2.0 e e 0.5 e 200 2.0 pa na input bias current (v cm = 0 v, v o = 0 v) t a = 25 c t a = 0 to +70 c i ib e e 3.0 e 200 2.0 e e 3.0 e 200 10 pa na input common mode voltage range t a = 25 c v icr e 11.5 +14.5 12.0 +11.5 e e 11 +14.5 12.0 +11 e v large signal voltage gain (r l = 10 k w , v o = 10 v) t a = 25 c t a = 0 to +70 c a vol 4.0 4.0 58 e e e 3.0 3.0 58 e e e v/mv output voltage swing (r l = 10 k w , v id = 1.0 v) t a = 25 c v o + v o +10 e +14 14 e 10 +10 e +14 14 e 10 v t a = 0 to +70 c v o + v o +10 e e e e 10 +10 e e e e 10 common mode rejection (r s = 50 w , v cm = v icr min, v o = 0 v, t a = 25 c) cmr 80 84 e 70 84 e db power supply rejection (r s = 50 w , v cm = 0 v, v o = 0, t a = 25 c) psr 80 86 e 70 86 e db power supply current (each amplifier) (no load, v o = 0 v, t a = 25 c) i d e 200 250 e 200 250 m a total power dissipation (each amplifier) (no load, v o = 0 v, t a = 25 c) p d e 6.0 7.5 e 6.0 7.5 mw
tl062 TL064 3 motorola analog ic device data dc electrical characteristics (v cc = +15 v, v ee = 15 v, t a = t low to t high [note 4], unless otherwise noted.) tl062v TL064v characteristics symbol min typ max min typ max unit input offset voltage (r s = 50 w , v o = 0v) t a = 25 c t a = t low to t high v io e e 3.0 e 6.0 9.0 e e 3.0 e 9.0 15 mv average temperature coefficient for offset voltage (r s = 50 w , v o = 0 v) d v io / d t e 10 e e 10 e m v/ c input offset current (v cm = 0 v, v o = 0 v) t a = 25 c t a = t low to t high i io e e 5.0 e 100 20 e e 5.0 e 100 20 pa na input bias current (v cm = 0 v, v o = 0 v) t a = 25 c t a = t low to t high i ib e e 30 e 200 50 e e 30 e 200 50 pa na input common mode voltage range (t a = 25 c) v icr e 11.5 +14.5 12.0 +11.5 e e 11.5 +14.5 12.0 +11.5 e v large signal voltage gain (r l = 10 k w , v o = 10 v) t a = 25 c t a = t low to t high a vol 4.0 4.0 58 e e e 4.0 4.0 58 e e e v/mv output voltage swing (r l = 10 k w , v id = 1.0 v) t a = 25 c t a = t low to t high v o + v o v o + v o +10 e +10 e +14 14 e e e 10 e 10 +10 e +10 e +14 14 e e e 10 e 10 v common mode rejection (r s = 50 w , v cm = v icr min, v o = 0, t a = 25 c) cmr 80 84 e 80 84 e db power supply rejection (r s = 50 w , v cm = 0 v, v o = 0, t a = 25 c) psr 80 86 e 80 86 e db power supply current (each amplifier) (no load, v o = 0 v, t a = 25 c) i d e 200 250 e 200 250 m a total power dissipation (each amplifier) (no load, v o = 0 v, t a = 25 c) p d e 6.0 7.5 e 6.0 7.5 mw note: 4. t low = 40 ct high = +85 c for tl062,4v ac electrical characteristics (v cc = +15 v, v ee = 15 v, t a = +25 c, unless otherwise noted.) characteristics symbol min typ max unit slew rate (v in = 10 v to +10 v, r l = 10 k w , c l = 100 pf, a v = +1.0) sr 2.0 6.0 e v/ m s rise time (v in = 20 mv, r l = 10 k w , c l = 100 pf, a v = +1.0) t r e 0.1 e m s overshoot (v in = 20 mv, r l = 10 k w , c l = 100 pf, a v = +1.0) os e 10 e % settling time (v cc = +15 v, v ee = 15 v, a v = 1.0, to within 10 mv r l = 10 k w , v o = 0 v to +10 v step) to within 1.0 mv t s e e 1.6 2.2 e e m s gain bandwidth product (f = 200 khz) gbw e 2.0 e mhz equivalent input noise (r s = 100 w , f = 1.0 khz) e n e 47 e nv/ hz input resistance r i e 10 12 e w channel separation (f = 10 khz) cs e 120 e db
tl062 TL064 4 motorola analog ic device data v cc = +15 v, v ee = 15 v r l = 10 k w t a = 25 c v cc = +12 v, v ee = 12 v v cc = +5.0 v, v ee = 5.0 v v cc = +2.5 v, v ee = 2.5 v v o , output voltage swing (v pp ) v o , output voltage swing (v pp ) t a , ambient temperature ( c) a vol , large signal voltage gain (v/mv) 75 50 25 0 25 75 50 100 125 v cc = +15 v v ee = 15 v r l = 10 k w figure 1. maximum power dissipation versus temperature for package variations figure 2. output voltage swing versus supply voltage figure 3. output voltage swing versus temperature figure 4. output voltage swing versus load resistance figure 5. output voltage swing versus frequency figure 6. large signal voltage gain versus temperature t a , ambient temperature ( c) d p , maximum power dissipation (mw) 55 40 20 0 20 40 60 80 100 120 140 160 so14 so8 v cc , |v ee |, supply voltage (v) 0 2.0 4.0 6.0 8.0 10 12 14 16 r l = 10 k w t a = 25 c t a , ambient temperature ( c) 75 50 25 0 25 50 75 100 125 v cc = +15 v v ee = 15 v r l = 10 k w r l , load resistance (k w ) 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 v cc = +15 v v ee = 15 v t a = 25 c f, frequency (hz) 100 1.0 k 10 k 100 k 1.0 m 10 m 10 20 30 40 50 70 100 0 400 800 1200 1600 2000 2400 0 5.0 10 15 20 25 30 35 40 0 5.0 10 15 20 25 30 35 40 0 6.0 12 18 24 30 0 5.0 10 15 20 25 30 35 v o , output voltage swing (v pp ) v o , output voltage swing (v pp )
tl062 TL064 5 motorola analog ic device data v cc = +15 v v ee = 15 v v o = 0 v r l = w phase gain v cc = +15 v v ee = 15 v v o = 0 v r l = 10 k w c l = 0 pf t a = 25 c figure 7. open loop voltage gain and phase versus frequency figure 8. supply current per amplifier versus supply voltage figure 9. supply current per amplifier versus temperature figure 10. total power dissipation versus temperature figure 11. common mode rejection versus temperature figure 12. common mode rejection versus frequency f, frequency (hz) vol a , open loop voltage gain (db) 1.0 10 100 1.0 k 10 k 1.0 m 10 m 100 m 100 k , excess phase (degrees) f f, frequency (hz) cmr, common mode rejection (db) 100 1 k 10 k 100 k 1 m v cc , |v ee |, supply voltage (v) 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 t a , ambient temperature ( c) 75 50 25 0 25 50 75 100 125 i cc , supply current ( m /a) p d , total power dissipation (mw) t a , ambient temperature ( c) 125 100 75 50 25 0 25 50 75 TL064 tl062 t a , ambient temperature ( c) cmr, common mode rejection (db) 125 100 75 50 25 0 25 50 75 i cc , supply current ( m a) 100 80 60 40 20 0 140 120 100 80 60 40 20 0 0 50 100 150 200 250 0 50 100 150 200 250 0 5.0 10 15 20 25 80 81 82 83 84 85 86 87 88 0 45 90 135 180 v cc = +15 v v ee = 15 v d v cm = 1.5 v t a = 25 c t a = 25 c v o = 0 v r l = w v cc = +15 v v ee = 15 v v o = 0 v r l = w v cc = +15 v v ee = 15 v v o = 0 v r l = 10 k w cmr = 20 log a dm + d v cm d v o x a dm d v cm d v o
tl062 TL064 6 motorola analog ic device data v cc = +15 v v ee = 15 v r s = 100 w t a = 25 c +psr = 20log d v o /a dm d v cc psr = 20log d v o /a dm d v ee +psr ( d v cc = 1.5 v) psr ( d v ee = 1.5 v) v cc = +15 v v ee = 15 v t a = 25 c v cc v ee a dm + d v o figure 13. power supply rejection versus frequency figure 14. normalized gain bandwidth product, slew rate and phase margin versus temperature figure 15. input bias current versus temperature figure 16. input noise voltage versus frequency figure 17. small signal response figure 18. large signal response f, frequency (hz) psr, power supply rejection (db) 100 1.0 k 10 k 100 k 1.0 m t a , ambient temperature ( c) normalized gain bandwidth product and slew rate 75 50 25 0 25 50 75 100 125 m f , normalized phase margin phase margin slew rate t a , ambient temperature ( c) i ib , input bias current (pa) 55 25 0 25 50 75 100 125 v cc = +15 v v ee = 15 v v cm = 0 v f, frequency (hz) e n , input noise voltage ( 10 100 1.0 k 10 k 100 k ) nv/ hz t, time (0.5 m s/div) v o , output voltage (10 mv/div) v cc = +15 v v ee = 15 v r l = 10 k w c l = 0 pf a v = +1.0 t, time (2.0 m s/div) v o , output voltage (5.0 v/div) gbw v cc = +15 v v ee = 15 v r l = 10 k w c l = 0 pf a v = +1.0 140 120 100 80 60 40 20 0 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 0.001 0.01 0.1 1.0 10 100 1000 0 10 20 30 40 50 60 70 1.08 1.06 1.04 1.02 1.0 0.98 0.96 0.94 0.92 v cc = +15 v v ee = 15 v r l = 10 k w c l = 0 pf
tl062 TL064 7 motorola analog ic device data c3 2 1 2 p r1 c1 figure 19. ac amplifier figure 20. highq notch filter figure 21. instrumentation amplifier figure 22. 0.5 hz squarewave oscillator figure 23. audio distribution amplifier + 1/2 tl062 5 1 250 k w 10 k w 50 w v cc output 1.0 m w 0.1 m f inputs 10 k w 10 k w 0.1 m f v cc v ee output r2 r1 c3 r3 c2 c1 input r1 = r2 = 2r3 = 1.5 m w c1 = c2 = = 110 pf f o = = 1.0 khz + + TL064 input a 10 k w 0.1% v cc output v cc v cc v cc v ee v ee v ee v ee + + + TL064 TL064 TL064 input b 100 k w 10 k w 0.1% 10 k w 0.1% 10 k w 0.1% 100 k w 100 w 1.0 m w 1 c f = 3.3 m f r f = 100 k w +15 v + 15 v 9.1 k w f = 1.0 k w 3.3 k w 3.3 k w + TL064 v cc 1.0 m w 100 k w v cc 100 m f v cc v cc v cc 1.0 m f input output a output b output c + + + TL064 TL064 TL064 100 k w 100 k w 100 k w 100 k w 1/2 tl062 1/2 tl062 2 p r f c f
tl062 TL064 8 motorola analog ic device data p suffix plastic package case 62605 issue k d suffix plastic package case 75105 (so8) issue r outline dimensions 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m 10 10 n 0.76 1.01 0.030 0.040  seating plane 1 4 5 8 a 0.25 m cb ss 0.25 m b m h  c x 45  l dim min max millimeters a 1.35 1.75 a1 0.10 0.25 b 0.35 0.49 c 0.18 0.25 d 4.80 5.00 e 1.27 bsc e 3.80 4.00 h 5.80 6.20 h 0 7 l 0.40 1.25  0.25 0.50   notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. dimensions are in millimeters. 3. dimension d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include mold protrusion. allowable dambar protrusion shall be 0.127 total in excess of the b dimension at maximum material condition. d e h a b e b a1 c a 0.10
tl062 TL064 9 motorola analog ic device data n suffix plastic package case 64606 issue l d suffix plastic package case 751a03 (so14) issue f outline dimensions 17 14 8 b a f hg d k c n l j m seating plane notes: 1. leads within 0.13 (0.005) radius of true position at seating plane at maximum material condition. 2. dimension l to center of leads when formed parallel. 3. dimension b does not include mold flash. 4. rounded corners optional. dim min max min max millimeters inches a 0.715 0.770 18.16 19.56 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l 0.300 bsc 7.62 bsc m 0 10 0 10 n 0.015 0.039 0.39 1.01  a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019 
tl062 TL064 10 motorola analog ic device data notes
tl062 TL064 11 motorola analog ic device data notes
tl062 TL064 12 motorola analog ic device data motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 tl062/d  ?


▲Up To Search▲   

 
Price & Availability of TL064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X